Part Number Hot Search : 
KT841W11 TLOH17T PC844X ISL6292D 100BM FDN86246 L2283B MZP4732
Product Description
Full Text Search
 

To Download AT90SC3232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* High-performance, Low-power AVR(R) (AVR2 Core) Enhanced RISC Architecture * * * * * *
- 120 Powerful Instructions (Most Executed in a Single Clock Cycle) Low-power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: from 2.7V to 3.3V and 4.5V to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules and Industry-standard Packages
Memory
* 32K Bytes of Flash Program Memory
- Endurance: 10,000 minimum Write/Erase Cycles
Secure Microcontroller for Smart Cards AT90SC3232 Summary
* 32K Bytes of EEPROM, Including 64-byte OTP Area and 64-byte Bit-addressable Area
- 1 to 128-byte Program/Erase - 2 ms Program, 2 ms Erase - Typically More than 500,000 Write/Erase Cycles - 10 Years Data Retention * 1.5K Bytes RAM
Peripherals
* I/O Port
- Configurable to Support Communication Protocols Including ISO 7816-3
* 16-bit Timer * Random Number Generator (FIPS 140-1) * 2-level, 4-vector Interrupt Controller
Security
* * * * *
Advanced Protection Against Physical Attack Environmental Protection Systems Voltage Monitor Frequency Monitor Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Hardware Development Support on the Smart Card Development Kit (SDK)
Description
The AT90SC3232 is a low-power, high-performance, 8-bit microcontroller with Flash Program memory and EEPROM Data memory, based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90SC3232 achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC3232 includes 64K bytes of Atmel's high density, nonvolatile memory. The on-chip downloadable Flash allows the Program memory to be reprogrammed in-system. This technology combined with the versatile 8-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications.
Rev. 1316DS-10/01
Note: This is a summary document. A complete document will be1 available under NDA. For more information, please contact your local Atmel sales office.
Figure 1. The AT90SC3232 AVR Enhanced RISC Architecture
Data Bus 8-bit OTP EEPROM User Memory Flash Program Memory 16 Instruction Register 16 ALU Instruction Decoder 16 Control Lines Status Register 8 8 General Purpose Registers x
y z
Access Control
Random Number Generator
PC
Access Control RAM Data Memory
VCC
8
Interrupt Unit ISO 7816 I/O Port Timer
Secure Control
GND CLK IN/OUT
(c) Atmel Corporation 2001. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. Corporate Headquarters, 2325 Orchard Parkway, San Jose, CA 95131, TEL (408) 441-0311, FAX (408) 487-2600 Atmel Colorado Springs, 1150 E. Cheyenne Mtn. Blvd., Colorado Springs, CO 80906, TEL (719) 576-3300, FAX (719) 540-1759 Atmel Grenoble, Avenue de Rochepleine, BP 123, 38521 Saint-Egreve Cedex, France, TEL (33) 4-7658-3000, FAX (33) 4-7658-3480 Atmel Heilbronn, Theresienstrasse 2, POB 3535, D-74025 Heilbronn, Germany, TEL (49) 71 31 67 25 94, FAX (49) 71 31 67 24 23 Atmel Nantes, La Chantrerie, BP 70602, 44306 Nantes Cedex 3, France, TEL (33) 0 2 40 18 18 18, FAX (33) 0 2 40 18 19 60 Atmel Rousset, Zone Industrielle, 13106 Rousset Cedex, France, TEL (33) 4-4253-6000, FAX (33) 4-4253-6001 Atmel Smart Card ICs, Scottish Enterprise Technology Park, East Kilbride, Scotland G75 0QR, TEL (44) 1355-357-000, FAX (44) 1355-242-743 ATMEL (R) and AVR (R) are the registered trademarks of Atmel. Other terms and product names may be the trademark of others. Printed on recycled paper.
1316DS-10/01


▲Up To Search▲   

 
Price & Availability of AT90SC3232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X